Part Number Hot Search : 
HSDL1001 22100 1SS35 200BG 64GA108 2SA107 KIA78R09 HER105P
Product Description
Full Text Search
 

To Download MAL211814472E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 118 AHT
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Axial leads, cylindrical aluminum insulated with a blue sleeve case,
RoHS
COMPLIANT
* Mounting ring version not available in insulated form
Fig.1 Component outlines
* Taped versions up to case O 15 x 30 mm available for automatic insertion. * Charge and discharge proof * Extra long useful life: up to 8000 hours at 125 C, high reliability * Extended temperature range: 125 C (usable up to 150 C)
119 AHT-DIN
high ripple, low impedance 105 C 118 AHT 125C very high ripple 120 ATC 125 C
138 AML
* Miniaturized, high CV-product per unit volume * Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
* Automotive, industrial and telecommunication * Smoothing, filtering, coupling, decoupling, timing * For use after very long storage (10 years) without voltage applied * Portable and mobile equipment (small size, low mass) * Low mounting height boards, vibration and shock resistant * Outdoor applications, e.g. aerial amplifiers
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 150 C (6.3 to 100 V) Endurance test at 125 C Useful life at 125 C Useful life at 40 C, 1.8 x IR applied Shelf life at 0 V, 125 C: UR = 6.3 to 63 V UR = 100 and 200 V Based on sectional specification Climatic category IEC 60068 500 hours 100 hours IEC 60384-4/EN130300 40/125/56 55/125/56 6.5 x 18 to 10 x 25 VALUE 10 x 30 to 21 x 38
1 to 10 000 F 20 % 6.3 to 200 V - 40 to + 125 C 500 hours 2000 hours 4000 hours 500 000 hours - 55 to + 125 C 500 hours 3000 hours 8000 hours 1 000 000 hours
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) at 125 C and 85 C * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive terminal * Series number (118)
www.vishay.com 224
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334 Revision: 30-May-08
118 AHT
Aluminum Capacitors Axial High Temperature
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES ( D x L in mm)
CR (F) 1.0 2.2 4.7 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10 000 UR (V) 6.3 10 x 18 10 x 25 10 6.5 x 18 8 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 16 8 x 18 10 x 18 10 x 18 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 25 6.5 x 18 10 x 18 10 x 25 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 40 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 63 6.5 x 18 6.5 x 18 6.5 x 18 6.5 x 18 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 100 6.5 x 18 6.5 x 18 8 x 18 10 x 25 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 200 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 1.6 OD L Od
I L 33 1
OD
+
Form BR: Taped on reel case O D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack) case O D x L = 6.5 x 18 to 10 x 25 mm
F
F
Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.2 Forms BA and BR
Fig.3 Form AA
Document Number: 28334 Revision: 30-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 225
118 AHT
Vishay BCcomponents
Table 1
Aluminum Capacitors Axial High Temperature
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 4 5 6 7 00 01 02 03 04 05 AXIAL: FORM AA, BA and BR Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 I 55 1 55 1 55 1 55 1 34 1 34 1 O Dmax. 6.9 8.5 10.5 10.5 10.5 13.0 15.5 18.5 18.5 21.5 Lmax. 18.5 18.5 18.5 25.5 30.5 30.5 30.5 30.5 39.5 39.5 Fmin. 25 25 25 30 35 35 35 35 44 44 MASS (g) 1.3 1.7 2.5 3.3 4.8 7.4 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES FORM FORM FORM AA BA BR 1000 1000 500 500 500 500 500 500 340 500 260 400 200 250 120 125 100 -
Note Detailed tape dimensions see section `PACKAGING'
D 120 C (3 x) D3 90 2 (3 x) 1.05 + 0.03 (3 x) - 0.1 d2 1.3 + 0.1 (3 x) 0 Mounting holes O d1 Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations O D2 1.3 + 0 (3 x) - 0.05 3.6 + 0.2 - 0.2 L
+ 1.0 - 0.5
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 02 03 04 05 MOUNTING RING: FORM MR O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 O Dmax. 15.5 18.5 18.5 21.5 O D2max. 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 8.6 11.5 14.0 19.0 PACKAGING QUANTITIES 200 240 100 100
ELECTRICAL DATA
CR IR IL1 IL5 tan ESR Z rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 125 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR) max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 118 series 1000 F/10 V; 20 % Nominal case size: O 10 x 30 mm; Form BR Ordering code: MAL211824102E3 Former 12NC: 2222 118 24102
Note Unless otherwise specified, all electrical values in Table 1 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. www.vishay.com 226 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28334 Revision: 30-May-08
118 AHT
Aluminum Capacitors Axial High Temperature
Table 1
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 1000 1500 220 330 470 1000 1000 10 1500 2200 3300 4700 6800 10000 220 330 470 680 16 1000 1500 2200 3300 4700 6800 100 220 330 470 470 25 680 1000 1500 2200 3300 4700 47 100 150 220 220 40 330 470 680 1000 1500 2200 NOMINAL IR CASE CASE 100 Hz SIZE CODE 125 C ODxL (mA) (mm) 10 x 18 10 x 25 6.5 x 18 8 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 8 x 18 10 x 18 10 x 18 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 10 x 18 10 x 25 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6 7 4 5 5 7 00 01 01 02 03 04 05 5 6 6 00 01 01 02 03 04 05 4 6 7 7 00 01 01 02 03 04 05 4 5 6 7 00 01 01 02 03 04 05 251 352 109 150 179 343 550 740 830 1070 1350 1730 1860 145 204 243 510 720 790 1010 1300 1670 1790 102 196 274 327 490 680 760 980 1240 1610 1710 89.8 147 207 287 390 570 620 810 1070 1390 1540 IL1 ESR IL5 tan 1 MIN 5 MIN 100 Hz 100 Hz () (A) (A) 42 61 20 24 32 64 64 94 136 202 286 412 604 25 36 49 69 100 148 215 321 455 657 20 37 54 75 75 106 154 229 334 499 709 20 28 40 57 57 83 117 167 244 364 532 17 23 8.4 11 13 24 24 34 48 70 98 140 200 11 15 19 30 36 52 74 110 150 220 9 15 21 28 28 38 54 79 110 170 240 7.8 12 16 22 22 30 42 58 84 120 180 0.50 0.50 0.35 0.35 0.35 0.35 0.32 0.32 0.40 0.40 0.46 0.53 0.53 0.25 0.25 0.25 0.22 0.22 0.29 0.29 0.34 0.34 0.38 0.18 0.18 0.18 0.18 0.18 0.18 0.24 0.25 0.26 0.26 0.28 0.11 0.11 0.11 0.11 0.10 0.10 0.11 0.11 0.13 0.13 0.15 0.79 0.53 2.53 1.69 1.19 0.56 0.505 0.340 0.290 0.190 0.155 0.100 0.084 1.81 1.21 0.85 0.525 0.345 0.305 0.205 0.165 0.105 0.088 2.86 1.30 0.87 0.61 0.61 0.42 0.375 0.263 0.185 0.12 0.095 3.72 1.75 1.17 0.80 0.70 0.43 0.38 0.255 0.205 0.13 0.105 Z 10 kHz () 0.8 0.53 2.1 1.4 1.0 0.55 0.45 0.28 0.27 0.18 0.15 0.10 0.10 1.5 1.2 0.83 0.45 0.28 0.27 0.18 0.15 0.10 0.10 2.3 1.25 0.82 0.57 0.50 0.30 0.28 0.22 0.17 0.11 0.10 2.8 1.3 1.0 0.68 0.55 0.33 0.30 0.23 0.18 0.11 0.10 ORDERING CODE MAL2118....... IN BOX FORM AA 14102E3 14152E3 14222E3 14332E3 14472E3 14682E3 14103E3 15681E3 15102E3 15152E3 15222E3 15332E3 15472E3 15682E3 16471E3 16681E3 16102E3 16152E3 16222E3 16332E3 16472E3 17221E3 17331E3 17471E3 17681E3 17102E3 17152E3 17222E3 TAPED ON REEL FORM BR 23102E3 90502E3 24221E3 24331E3 24471E3 90504E3 24102E3 24152E3 24222E3 24332E3 25221E3 25331E3 25471E3 25681E3 90039E3 25152E3 25222E3 26101E3 26221E3 26331E3 90508E3 26471E3 26681E3 26102E3 26152E3 27479E3 27101E3 27151E3 90511E3 27221E3 27331E3 27471E3 27681E3 TAPED IN BOX FORM BA 33102E3 90503E3 34221E3 34331E3 34471E3 90505E3 35221E3 35331E3 35471E3 36101E3 36221E3 36331E3 90509E3 37479E3 37101E3 37151E3 90512E3 MOUNTING RING FORM MR 44332E3 44472E3 44682E3 44103E3 45222E3 45332E3 45472E3 45682E3 46152E3 46222E3 46332E3 46472E3 47681E3 47102E3 47152E3 47222E3
6.3
Document Number: 28334 Revision: 30-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 227
118 AHT
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 1.0 2.2 4.7 10 22 47 100 63 100 150 220 330 470 680 1000 4.7 10 22 33 47 47 100 68 100 150 220 330 470 2.2 4.7 10 15 200 22 33 47 68 100 NOMINAL IR IL1 CASE IL5 CASE 100 Hz SIZE 1 MIN 5 MIN CODE 125 C (A) ODxL (A) (mA) (mm) 6.5 x 18 6.5 x 18 6.5 x 18 6.5 x 18 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 6.5 x 18 8 x 18 10 x 25 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 4 4 4 4 4 5 7 00 01 01 02 03 04 05 4 4 5 7 7 00 01 01 02 03 04 05 4 5 7 00 01 02 03 04 05 16.4 24.3 35.6 51.9 77.0 126 243 340 490 550 730 970 1230 1400 36 52 91 140 170 240 320 380 500 690 890 1050 27 46 85 150 210 290 390 500 610 20 20 20 20 20 22 42 42 61 87 129 182 261 383 20 20 20 24 33 33 45 64 94 136 202 286 20 20 20 22 31 44 61 86 124 4.1 4.3 4.6 5.3 6.8 9.9 17 17 23 32 46 63 90 130 4.9 6.0 8.4 11 13 13 18 24 34 48 70 98 4.9 5.9 8.0 10 13 17 23 31 44 ESR tan 100 Hz 100 Hz () 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.09 0.09 0.09 0.10 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.09 0.10 0.10 0.10 0.10 0.06 0.06 0.06 0.046 0.046 0.046 0.046 0.046 0.046 110 51 24 11 5.1 2.4 1.1 1.91 1.00 0.94 0.63 0.44 0.30 0.16 24 11 5.1 3.4 2.6 2.6 1.8 1.4 0.94 0.66 0.45 0.33 44 21 9.4 4.76 3.17 2.11 1.48 1.02 0.96 Z 10 kHz () 22 15 8.9 5.6 3.2 1.5 0.7 1.62 0.79 0.82 0.56 0.39 0.26 0.20 19 9.0 4.0 2.7 2.0 2.0 1.2 1.15 0.78 0.55 0.37 0.28 23 11 5.0 3.75 2.22 1.11 0.60 0.42 0.39 ORDERING CODE MAL2118....... IN BOX FORM AA 18101E3 18151E3 18221E3 18331E3 18471E3 18681E3 18102E3 19479E3 19689E3 19101E3 19151E3 19221E3 19331E3 19471E3 92159E3 92229E3 92339E3 92479E3 92689E3 92101E3 TAPED ON REEL FORM BR 28108E3 28228E3 28478E3 28109E3 28229E3 28479E3 90513E3 28101E3 28151E3 28221E3 28331E3 29478E3 29109E3 29229E3 29339E3 90535E3 29479E3 29689E3 29101E3 29151E3 90537E3 90539E3 90542E3 90012E3 90013E3 90014E3 TAPED IN BOX FORM BA 38108E3 38228E3 38478E3 38109E3 38229E3 38479E3 90514E3 39478E3 39109E3 39229E3 39339E3 90536E3 90538E3 90541E3 90543E3 MOUNTING RING FORM MR 48331E3 48471E3 48681E3 48102E3 49151E3 49221E3 49331E3 49471E3 90002E3 90003E3 90004E3 90005E3
www.vishay.com 228
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334 Revision: 30-May-08
118 AHT
Aluminum Capacitors Axial High Temperature
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current CONDITIONS VALUE AXIAL Us 1.15 x UR Urev 1 V After 1 minute at UR After 5 minutes at UR Inductance Equivalent series inductance (ESL) Case D x L mm: 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 IL1 0.006 CR x UR + 4 A or 20 A (whichever is greater) IL5 0.002 CR x UR + 4 A MOUNTING RING
Vishay BCcomponents
typ. 15 nH typ. 35 nH typ. 69 nH typ. 38 nH typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH
typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
Table 2
UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE
SYMBOL UR UR2 Note For applications at ambient temperatures of 85 C, the rated voltage (UR) may be raised to UR2. CONDITIONS Tamb > 85 to 125 C Tamb 85 C 6.3 10 10 16 16 25 VALUES 25 40 40 63 63 100 100 125 200 250 UNIT V V
CAPACITANCE
10 2 ESR ESR0 10 2 1 1.0 0.9 1 0.8 3 0.7 10-1 - 50 0 50 Tamb (C) 100 Case O D x L = 6.5 x 18 to 10 x 25 mm C0 = capacitance at 20 C, 100 Hz 4 0.6 - 60 - 40 - 20 0 20 40 60 80 100 Case O D x L = 10 x 30 to 21 x 38 mm C0 = capacitance at 20 C, 100 Hz 120 140 160 Tamb (C) Curve 1: 100 V; 200 V Curve 2: 40 V; 63 V Curve 3: 16 V; 25 V Curve 4: 6.3 V; 10 V Curve 1: 63 V Curve 2: 6.3 V 1.2 C C0 1.1 4 1
1 2
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Document Number: 28334 Revision: 30-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 229
118 AHT
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature
CAPACITANCE
1.2 C C0 1.0 0.8 0.6 0.4 0.2 0 10 10 2 10 3 10 4 f (Hz) 10 5 Curve 1: 63 V to 200 V (< 15 F) Curve 2: 63 V; 100 V (< 15 F) Curve 3: 40 V Curve 4: 25 V Curve 5: 16 V Curve 6: 10 V Curve 7: 6.3 V 4 5 6 7
0.7 0.6 0.5 10 10 2 10 3 f (Hz) 10 4 Case O D x L = 10 x 30 to 21 x 38 mm C0 = capacitance at 20 C, 100 Hz C C0 1.0 1.1 8 1 1 2 3 4 Curve 1: 200 V Curve 2: 100 V Curve 3: 63 V Curve 4: 40 V Curve 5: 25 V Curve 6: 16 V Curve 7: 10 V Curve 8: 6.3 V 5 6 7 8
1 2 3
0.9 0.8
Case O D x L = 6.5 x 18 to 10 x 25 mm C0 = capacitance at 20 C, 100 Hz
Fig.7 Typical multiplier of capacitance as a function of frequency
Fig.8 Typical multiplier of capacitance as a function of frequency
EQUIVALENT SERIES RESISTANCE (ESR)
10 ESR ESR0 10 Curve 1: 100 V; 200 V Curve 2: 25 V; 40 V; 63 V Curve 3: 6.3 V; 10 V; 16 V 102 ESR ESR0 10 3 1 2 Curve 1: 6.3 V to 10 V; 16 V Curve 2: 25 V; 40 V; 63 V Curve 3: 100 V; 200 V
1
1 1 2 3
3 2 1
10-1 100 50 0 50 Case O D x L = 6.5 x 18 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz 100 150 Tamb (C)
10-1 100 50 0 50 Case O D x L = 6.5 x 18 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz 100 150 Tamb (C)
Fig.9 Typical multiplier of ESR as a function of ambient temperature
2.0 ESR ESR0 1.6
Fig.10 Typical multiplier of ESR as a function of ambient temperature
1.6 1 2 3 4 5
1 2 3 4
Curve 1: 63 V to 100 V (< 15 F) Curve 2: 40 V Curve 3: 25 V Curve 4: 6.3 V; 10 V; 16 V
ESR ESR0 1.2
Curve 1: 200 V Curve 2: 100 V Curve 3: 40 V; 63 V Curve 1: 16 V; 25 V Curve 2: 6.3V; 10 V
1.2
0.8
0.8 4 3 2 1
5 4 3 2 1
0.4
0.4
0 10 10 2 10 3 10 4 f (Hz) 10 5 Case O D x L = 6.5 x 18 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz
0 10 10
2
10
3
10
4
f (Hz)
10
5
Case O D x L = 10 x 30 to 21x 38 mm ESR0 = typical at 20 C, 100 Hz
Fig.11 Typical multiplier of ESR as a function of frequency
Fig.12 Typical multiplier of ESR as a function of frequency
www.vishay.com 230
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334 Revision: 30-May-08
118 AHT
Aluminum Capacitors Axial High Temperature
IMPEDANCE (Z)
103 Z () 102
1
Vishay BCcomponents
103 Curve 1: 47 V Curve 2: 100 V Curve 3: 220 V Curve 4: 470 V Z () 102 Curve 1: 100 V Curve 2: 220 V Curve 3: 470 V Curve 4: 1000 V
10
2 3 4
10
1 2 3 4
1
1
10-1 10 2 103 10 4 10 5 f (Hz) Tamb (C) 10 6
10-1 10 2 103 10 4 10 5 f (Hz) Tamb (C) 10 6
Case O D x L = 8 x 18 mm
Case O D x L = 10 x 25 mm
Fig.13 Typical impedance as a function of frequency
103 Z () 102 1 2 3 4 5 6 7 8 9 10 11 Curve 1: 22 F, 200 V Curve 2: 68 F, 100 V Curve 3: 150 F, 63 V Curve 4: 220 F, 63 V Curve 5: 330 F, 40 V Curve 6: 470 F, 40 V Curve 7: 680 F, 25 V Curve 8: 1000 F, 25 V and 1000 F, 16 V 103 Z () 102
Fig.14 Typical impedance as a function of frequency
1 2 3 4 5 6 7 8 9 10 11
Curve 1: 22 F, 200 V Curve 2: 68 F, 100 V Curve 3: 150 F, 63 V Curve 4: 220 F, 63 V Curve 5: 330 F, 40 V Curve 6: 470 F, 40 V
Curve 7: 680 F, 25 V Curve 8: 1000 F, 25 V Curve 9: 1500 F, 16 V Curve 10: 1500 F, 10 V and 2200 F, 6.3 V Curve 11: 3300 F, 6.3 V
10
10
1 Curve 9: 1500 F, 16 V and 1500 F, 10 V Curve 10: 1500 F, 10 V and 2200 F, 6.3 V Curve 11: 3300 F, 6.3 V 10 102 103 104 105 106 f (Hz)
1
10-1
10-1 10 7 10 102 103 104 105 106
f (Hz)
10 7
Case O D x L = 18 x 30 mm
Tamb (40 C)
Case O D x L = 12.5 x 30 mm
Tamb (20 C)
Fig.15 Typical impedance as a function of frequency
103 Z () 102 1 2 10 3 4 5 6 7 8 102 Z () 10
Fig.16 Typical impedance as a function of frequency
Curve 1: 47 F, 200 V Curve 2: 220 F, 100 V Curve 3: 470 F, 63 V Curve 4: 1000 F, 40 V Curve 5: 2200 F, 25 V Curve 6: 3300 F, 18 V Curve 7: 4700 F, 10 V Curve 8: 6800 F, 6.3V
1 2 3 4 5 6 7 8
1
Curve 1: 47 F, 200 V Curve 2: 220 F, 100 V Curve 3: 470 F, 63 V Curve 4: 1000 F, 40 V Curve 5: 2200 F, 25 V Curve 6: 3300 F, 18 V Curve 7: 4700 F, 10 V Curve 8: 6800 F, 6.3V
1
10
-1
10-1 10 102 103 104 105 106
f (Hz)
10-2 10 7 10 102 103 104 105 106 f (Hz) 10 7
Case O D x L = 18 x 30 mm
Tamb (40 C)
Case O D x L = 18 x 30 mm
Tamb (20 C)
Fig.17 Typical impedance as a function of frequency
Fig.18 Typical impedance as a function of frequency
Document Number: 28334 Revision: 30-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 231
118 AHT
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
MBC242 IA IR 4.3 4.2 4.1 4.0 3.9 3.8 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 lifetime multiplier 2.8
MBC242
Aluminum Capacitors Axial High Temperature
1. 0 1.
2.6
5 2. 0
2.4
3. 0 4. 0
2.2
6. 0 8. 0
2.0
12
1.8
20 30
1.6
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 125 C (1) Useful life at 125 C and IR applied: case O D x L = 6.5 x 18 to 10 x 25 mm: 4000 hours case O D x L = 10 x 30 to 21 x 38 mm: 8000 hours
60
1.4
10
1.2 1.0 0.8 0.5 0.0 40
0
(1)
20 0 40 0
50 60 70 80 90 100 110 120
130
Tamb ( oC)
Fig.19 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 25 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 40 to 63 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 100 to 200 V 0.85 1.00 1.20 1.30 1.35 1.40
www.vishay.com 232
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28334 Revision: 30-May-08
118 AHT
Aluminum Capacitors Axial High Temperature
Vishay BCcomponents
Table 4
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 125 C; UR applied; Case sizes: 6.5 x 18 to 10 x 25 mm: 2000 hours; 10 x 30 to 21 x 38 mm: 3000 hours REQUIREMENTS UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 125 C; UR and IR applied; Case O D x L = 6.5 x 18 to 10 x 25 mm: 4000 hours; case O D x L = 10 x 30 to 21 x 38 mm: 8000 hours UR 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % (200 V 3 %) Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 125 C; no voltage applied; UR = 6.3 to 63 V: 500 hours; UR = 100 and 200 V: 100 hours After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement Reverse voltage IEC 60384-4/ EN130300 subclause 4.15 Tamb = 125 C: 125 hours at U = - 1 V followed by 125 hours at UR C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit C/C: 20 % tan spec. limit IL5 spec. limit
Document Number: 28334 Revision: 30-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 233
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL211814472E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X